PART |
Description |
Maker |
LX1882-00CDU-TR LX1882-00CDM-TR LX1882-33CDM-TR LX |
Charge Pump Doubler with Linear Regulator Charge Pump; Package: MSOP8;
|
Microsemi Corporation MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP
|
MAX138 MAX138CMH MAX138CPL MAX138CQH MAX138EPL MAX |
3?Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter From old datasheet system 3Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter 3?Digit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter TRANS DARL NPN 40V SMD SOT23 SWITCH, MJTP1162A, PB, SPST, SMD 3??igit A/D Converters with Bandgap Refrence and Charge-Pump Voltage Converter 18-Bit Bus Transceivers With 3-State Outputs 56-SSOP -40 to 85
|
MAXIM INTEGRATED PRODUCTS INC MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX851 MAX851ESA MAX851ISA MAX850 MAX850ESA MAX850 |
Low-noise, regulated, negative charge-pump power supplies for GaAsFET bias. 2mVp-p output voltage ripple. 100kHz chage-pump switching frequency. Logic-level shutdown mode: 1microA max over temp. Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias 低噪声、稳压型、负输出电荷泵,用于GaAsFET偏置电源 Quadruple 2-Input Positive-AND Gates 20-LCCC -55 to 125 Low-Noise, Regulated, Negative Charge Pump Power Supplies for GaAsFET Bias Low-Noise / Regulated / Negative Charge-Pump Power Supplies for GaAsFET Bias
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
CAT660 CAT660ELA CAT660EVA CAT660EVA-T3 |
100 mA CMOS Charge Pump Inverter/Doubler Charge Pump Voltage Converter SWITCHED CAPACITOR CONVERTER, PDSO8
|
ON Semiconductor
|
AL3157 AL3157F-7 |
Four-Channel High Efficiency Charge Pump HIGH EFFICIENCY 1x/2x CHARGE PUMP LED DRIVER FOR SMALL SCREEN BACKLIGHTING
|
Diodes Incorporated
|
TC7660S TC7660SEOA TC7660SEPA TC7660SMJA TC7660SCP |
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER The TC7660S is a pin-compatible upgrade to the Industry standard TC7660 charge pump voltage converter. It converts a 1.5V to 12V input to a corresponding -1.5V to -12V output using only two low-cost capacitors, eliminating inductors and
|
MICROCHIP[Microchip Technology]
|
LTC1516IS8 LTC1516 LTC1516CS8 1516F |
From old datasheet system Micropower, Regulated 5V Charge Pump DC/DC Converter Micropower/ Regulated 5V Charge Pump DC/DC Converter
|
LINER[Linear Technology]
|
LTC1983-3 LTC1983ES6-5 LTYB LTC1983ES6-3 LTPC LTC1 |
100mA REGULATED CHARGE-PUMP INVERTERS IN THINSOT 100mA Regulated Charge Pump Inverter in ThinSOT
|
LINER[Linear Technology]
|
AAT3111IGU-3.3-T1 AAT3111IGU-3.6-T1 |
MicroPowerRegulated Charge Pump
|
Advanced Analog Technology,lnc.
|
AME7730 AME7730AEEY500Y AME7730AEEY500Z |
100mA Regulated Charge Pump
|
Analog Microelectronics
|